Part Number Hot Search : 
SF8GZ47 SP4362XC SNC658 SKMD40F SP4362XC K2010 K2010 TA76431F
Product Description
Full Text Search
 

To Download SM15T68A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM15T Series
Vishay General Semiconductor
Surface Mount TRANSZORB(R) Transient Voltage Suppressors
FEATURES * Low profile package * Ideal for automated placement * Glass passivated chip junction * 1500 W peak pulse power capability with a 10/1000 s waveform * Available in uni-directional and bi-directional * Excellent clamping capability * Low inductance * Meets MSL level 1, per J-STD-020, LF maximum peak of 260 C * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC APPLICATION NOTES A 1500 W (SMC) device is normally selected when the threat of transients is from lightning induced transients, conducted via external leads or I/O lines. It is also used to protect against switching transients induced by large coils or industrial motors. Source impedance at component level in a system is usually high enough to limit the current within the peak pulse current (IPP) rating of this series. In an overstress condition, the failure mode is a short circuit. TYPICAL APPLICATIONS Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication.
DO-214AB (SMC)
PRIMARY CHARACTERISTICS
VBR PPPM PD IFSM (uni-directional only) TJ max. 6.8 V to 220 V 1500 W 6.5 W 200 A 150 C
MECHANICAL DATA Case: DO-214AB (SMC) Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS compliant, commercial grade Base P/NHE3 - RoHS compliant, high reliability/ automotive grade (AEC Q101 qualified) Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix meets JESD 201 class 2 whisker test Polarity: For uni-directional types the band denotes cathode end, no marking on bi-directional types DEVICES FOR BI-DIRECTION APPLICATIONS For bi-directional devices use CA suffix (e.g. SM15T12CA). Electrical characteristics apply in both directions.
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Peak pulse power dissipation with a 10/1000 s waveform (1)(2) (Fig. 1) Peak power pulse current with a 10/1000 s waveform (1) (Fig. 3) Power dissipation on infinite heatsink TA = 50 C Peak forward surge current 10 ms single half sine-wave uni-directional only (2) Operating junction and storage temperature range Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 C per Fig. 2 (2) Mounted on 0.31 x 0.31" (8.0 x 8.0 mm) copper pads to each terminal SYMBOL PPPM IPPM PD IFSM TJ, TSTG LIMIT 1500 See next table 6.5 200 - 65 to + 150 UNIT W A W A C
Document Number: 88380 Revision: 21-Oct-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
SM15T Series
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
DEVICE MARKING CODE UNI SM15T6V8A SM15T7V5A SM15T10A SM15T12A SM15T15A SM15T18A SM15T22A SM15T24A SM15T27A SM15T30A SM15T33A SM15T36A SM15T39A SM15T68A SM15T100A SM15T150A SM15T200A SM15T220A Notes: (1) For bi-directional devices add suffix "CA" instead of "A" (2) VBR measured after IT applied for 300 s square wave pulse (3) For bipolar devices with VR = 10 V or under, the IT limit is doubled GDE7 GDK7 GDT7 GDX7 GEG7 GEM7 GET7 GEV7 GEX7 GFE7 GFG7 GFK7 GFM7 GGG7 GGV7 GHK7 GHR7 GHR8 BI GDE7 BDK7 BDT7 BDX7 GEG7 BEM7 BET7 GEV7 BEX7 BFE7 GFG7 BFK7 BFM7 GGG7 GGV7 GHK7 GHR7 GHR8 5.80 6.40 8.55 10.2 12.8 15.3 18.8 20.5 23.1 25.6 28.2 30.8 33.3 58.1 85.5 128 171 188 1000 500 10.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 STANDOFF VOLTAGE VRM (V) LEAKAGE CURRENT (3) IRM AT VR BREAKDOWN VOLTAGE VBR AT IT (2) (V) MIN. 6.45 7.13 9.50 11.4 14.3 17.1 20.9 22.8 25.7 28.5 31.4 34.2 37.1 64.6 95.0 143 190 209 MAX. 7.14 7.88 10.5 12.6 15.8 18.9 23.1 25.2 28.4 31.5 34.7 37.8 41.0 71.4 105 158 210 231 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TEST CURRENT IT (mA) CLAMPING VOLTAGE VC AT IPP (10/1000 s) (V) 10.5 11.3 14.5 16.7 21.2 25.2 30.6 33.2 37.5 41.5 45.7 49.9 53.9 92.0 137 207 274 328 (A) 143 132 103 90.0 71.0 59.5 49.0 45.0 40.0 36.0 33.0 30.0 28.0 16.3 11.0 7.20 5.50 4.60 CLAMPING VOLTAGE VC AT IPP (8/20 s) (V) 13.4 14.5 18.6 21.7 27.2 32.5 39.3 42.8 48.3 53.5 59.0 64.3 69.7 121 178 265 353 388 (A) 746 690 538 461 368 308 254 234 207 187 169 156 143 83 56 38 28 26 5.7 6.1 7.3 7.8 8.4 8.8 9.2 9.4 9.6 9.7 9.8 9.9 10.0 10.4 10.6 10.8 10.8 10.8 T Max. 10-4/C
TYPE (1)
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance, junction to ambient air (1) Typical thermal resistance, junction to leads Note: (1) Mounted on minimum recommended pad layout SYMBOL RJA RJL VALUE 75 15 UNIT C/W C/W
ORDERING INFORMATION (Example)
PREFERRED P/N SM15T10A-E3/57T SM15T10A-E3/9AT SM15T10AHE3/57T (1) SM15T10AHE3/9AT (1) Note: (1) Automotive grade AEC Q101 qualified UNIT WEIGHT (g) 0.211 0.211 0.211 0.211 PREFERRED PACKAGE CODE 57T 9AT 57T 9AT BASE QUANTITY 850 3500 850 3500 DELIVERY MODE 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88380 Revision: 21-Oct-08
SM15T Series
Vishay General Semiconductor
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
100 20 000 10 000 Measured at Zero Bias
PPPM - Peak Pulse Power (kW)
10
CJ - Junction Capacitance (pF)
1000 VR, Measured at Stand-Off Voltage, VWM 100 Uni-Directional Bi-Directional 10 1 10 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p 100 400
1 0.31 x 0.31" (8.0 x 8.0 mm) Copper Pad Areas 0.1 0.1 s
1.0 s
10 s
100 s
1.0 ms
10 ms
td - Pulse Width (s)
VWM - Reverse Stand-Off Voltage (V)
Figure 1. Peak Pulse Power Rating Curve
Figure 4. Typical Junction Capacitance Uni-Directional
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage, %
100
100
75
Transient Thermal Impedance (C/W)
10
50
1.0
25
0 0 25 50 75 100 125 150 175 200
0.1 0.001
0.01
0.1
1
10
100
1000
TJ - Initial Temperature (C)
t - Pulse Duration (s)
Figure 2. Pulse Power or Current vs. Initial Junction Temperature
Figure 5. Typical Transient Thermal Impedance
150
IPPM - Peak Pulse Current, % IRSM
Peak Forward Surge Current (A)
tr = 10 s Peak Value IPPM
TJ = 25 C Pulse Width (td) is defined as the Point where the Peak Current decays to 50 % of IPPM
200
100
100
Half Value - IPP IPPM 2 50 10/1000 s Waveform as defined by R.E.A. td 0 0 1.0 2.0 3.0 4.0
TJ = TJ max. 8.3 ms Single Half Sine-Wave 10 1 10 100
t - Time (ms)
Number of Cycles at 60 Hz
Figure 3. Pulse Waveform
Figure 6. Maximum Non-Repetitive Forward Surge Current Uni-Directional Use Only
Document Number: 88380 Revision: 21-Oct-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
SM15T Series
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-214AB (SMC)
Cathode Band
0.185 (4.69) MAX. 0.126 (3.20) 0.114 (2.90) 0.246 (6.22) 0.220 (5.59) 0.126 (3.20) MIN.
Mounting Pad Layout
0.280 (7.11) 0.260 (6.60) 0.012 (0.305) 0.006 (0.152) 0.103 (2.62) 0.079 (2.06)
0.060 (1.52) MIN.
0.320 REF.
0.060 (1.52) 0.030 (0.76) 0.320 (8.13) 0.305 (7.75)
0.008 (0.2) 0 (0)
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88380 Revision: 21-Oct-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SM15T68A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X